Part Number Hot Search : 
1040C C1334 2SB1417 AY56GKE SHC80 GM3842 K1274 IH1205
Product Description
Full Text Search
 

To Download CTHP1210F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductors - Unshielded
ctparts.com
CTHP1210F Series
From .22 H to 10 H
Part Number CTHP1210F-R22M CTHP1210F-R30M CTHP1210F-R57M CTHP1210F-R87M Not shown at actual size. CTHP1210F-1R0M CTHP1210F-1R7M CTHP1210F-2R3M CTHP1210F-3R6M CTHP1210F-5R1M CTHP1210F-7R8M CTHP1210F-100M
SPECIFICATIONS
Parts are available in 20% tolerance only. * Inductance drop by approximate 30% at Rated DC Current. L Test Freq. (kHz) 300 300 300 300 300 300 300 300 300 300 300 DCR Max. (m) 0.442 0.442 0.819 1.794 1.794 2.34 2.34 4.16 7.02 7.20 7.56
Inductance (H 20%) 0.22 0.30 0.57 0.87 1.0 1.7 2.3 3.6 5.1 7.8 10
IDC (A) 40.5 31.8 33.4 31.0 25.4 22.2 16.7 13.4 11.2 6.70 5.30
Compliant
RoHS
PHYSICAL DIMENSIONS
Size mm inches A
Max. 13.0 0.51
B
Ref. 14.0 0.55
C
Max. 11.5 0.45
D
Typ. 6.0 0.23
E
Typ. 2.2 0.08
F
Typ. 3.0 0.11
CHARACTERISTICS
Description: SMD unshielded power inductor Applications: Designed for high current, low voltage applications. Low DCR, high efficiency. Next generation microprocessors, High current DC-DC converters, Computers, etc. Operating Temperature: -40C to +85C Inductance Tolerance: 20% Testing: Tested on a HP4285A at 300 KHz , 0.25V Packaging: Tape & Reel Marking: Parts are marked with inductance code Miscellaneous: RoHS Compliant Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
A
C
XXX Marking: Inductance Code
B
D
E
1
2
F
PAD LAYOUT
Unit: mm
4.0
4.0 7.2 6.0
06.06.07
Technologies
Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CTHP1210F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X